Part Number Hot Search : 
GF510 LXT906PC 20030 X24164PM FP10120A HZS18NB2 DS2149Q 29GL064
Product Description
Full Text Search
 

To Download 35CGQ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -94015
SCHOTTKY RECTIFIER
HIGH EFFICIENCY SERIES
35CGQ100
35 Amp, 100V
Major Ratings and Characteristics Characteristics IF(AV) VRRM (Per Leg) IFSM @ tp = 8.3ms half-sine (Per Leg) VF @ 35Apk, TJ =125C (Per Leg) 35CGQ100 Units 35 100 A V
Description/Features The 35CGQ100 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hirel environments. It is packaged in the hermetic isolated TO-254AA package. The device's forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest circuit efficiency for typical high frequency switching power supplies and resonent power converters. Full MIL-PRF-19500 quality conformance testing is available on source control drawings to TX, TXV and S quality levels. * * * * * Hermetically Sealed Center Tap Low Forward Voltage Drop High Frequency Operation Guard Ring for Enhanced Ruggedness and Long term Reliability * Lightweight
150 0.99
A V
TJ, Tstg Operating and storage -55 to 150
C
.12 ( .005 )
CASE STYLE
3.78 ( .149 ) 3.53 ( .139 ) -A-
13.84 ( .545 ) 13.59 ( .535 )
6.60 ( .260 ) 6.32 ( .249 )
-B1.27 ( .050 ) 1.02 ( .040 )
17.40 ( .685 ) 16.89 ( .665 ) 31.40 ( 1.235 ) 30.39 ( 1.199 ) 1 2 3
20.32 ( .800 ) 20.07 ( .790 )
13.84 ( .545 ) 13.59 ( .535 )
-C-
LEGE ND 1 - CO LL 2 - E MIT 3 - GA TE
3X 3.81 ( .150 ) 2X
1.14 ( .045 ) 0.89 ( .035 ) .50 ( .020 ) .25 ( .010 ) M C AM B MC
3.81 ( .150 )
1
2
3
ANODE COMMONANODE CATHODE
IR Case Style TO-254AA
www.irf.com
1
11/15/00
35CGQ100
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) (Per Leg) VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
35CGQ100 100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current See Fig. 5 IFSM Max. Peak One Cycle Non - Repetitive Surge Current (Per Leg) 150 A @ tp = 8.3 ms half-sine
Limits
35
Units
A
Conditions
50% duty cycle @ TC = 117 C, square waveform
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) See Fig. 1Q
Limits
0.76 0.98 1.06 0.79 1.01 1.11 0.71 0.92 0.99
Units
V V V V V V V V V mA mA mA pF nH @ 15A @ 30A @ 35A @ 15A @ 30A @ 35A @ 15A @ 30A @ 35A TJ = 25C TJ = 100C TJ = 125C
Conditions
TJ = -55C
TJ = 25C
TJ = 125C
I RM
Max. Reverse Leakage Current (Per Leg) See Fig. 2Q
0.07 11 40
VR = rated VR
CT LS
Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
1000 7.8
VR = 5VDC ( 1MHz, 25C ) Measured from anode lead to cathode lead 6mm ( 0.025 in.) from package
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) RthJC Max. Thermal Resistance, Junction to Case (Per Package) wt Weight (Typical) Die Size (Typical) Case Style Q Pulse Width < 300s, Duty Cycle < 2% 9.3 150X180 g mils 0.63 C/W DC operation
Limits Units
-55 to 150 -55 to 150 1.25 C C C/W DC operation
Conditions
RthJC Max. Thermal Resistance, Junction
See Fig. 4
TO-254AA
2
www.irf.com
35CGQ100
100
125C
Reverse Current - I R ( mA )
10
100C
1
75C
0.1
100
25C
0.01
0.001 0 10 20 30 40 50 60 70 80 90 100
Instantaneous Forward Current - I F (A)
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage (Per Leg)
10
1000
Tj = 125C
Tj = 25C
Junction Capacitance - CT (pF)
T J = 25C
Tj = -55C
1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 Forward Voltage Drop - V F (V)
100
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
0
10
20
30
40
50
60
70
80
90
100
Reverse Voltage -VR (V)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
www.irf.com
3
35CGQ100
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01
SINGLE PULSE (THERMAL RESPONSE) 0.0001 0.001 0.01
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 1
P DM t1 t2
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
180 160 140 120 100 80 60 40 20 0 0 10 20 30 40 50 60
35CGQ100
R thJC = 1.25C/W
Allowable Case Temprature - (C)
DC
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000 IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200 IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590 IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111 IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086 IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630 IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936 Data and specifications subject to change without notice. 11/00
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 35CGQ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X